| データシートサーチシステム |
|
IXP46X データシート(PDF) 97 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
IXP46X データシート(HTML) 97 Page - Intel Corporation |
|
97 / 148 page ![]() Intel® IXP45X and Intel® IXP46X Product Line of Network Processors August 2006 Datasheet Document Number: 306261-004US 97 Datasheet—Intel® IXP45X and Intel® IXP46X Product Line of Network Processors AA1 ETHC_TXCLK X X X AA2 ETHC_RXDATA[0] SMII_RXDATA[5] X X X AA3 VSS X X X AA4 ETHB_TXDATA[3] SMII_TXDATA[3] X X Config. 1 only X Config. 1 only AA5 VSS X X X AA6 SPARE2 AA7 ETHB_RXDV SMII_RXSYNC X X X AA8 ETHB_RXDATA[1] SMII_RXDATA[1] X X Config. 1 only X Config. 1 only AA9 UTP_OP_DATA[4] ETHA_TXEN X X AA10 UTP_IP_DATA[3] ETHA_RXDATA[3] X X AA11 VCC X X X AA12 VCC X X X AA13 VCC X X X AA14 VCC X X X AA15 VCC X X X AA16 VCC X X X AA17 GPIO[7] X X X AA18 GPIO[1] X X X AA19 SSP_RXD X X X AA20 EX_ADDR[14] X X X AA21 VSS X X X AA22 EX_ADDR[0] X X X AA23 EX_PARITY[3] X X X AA24 EX_DATA[26] X X X AA25 EX_DATA[27] X X X AA26 VSS X X X Table 26. Processors’ Ball Map Assignments (Sheet 21 of 26) Ball Signal Name Processor Number Pin Configurations Intel® IXP465 Intel® IXP460 Intel® IXP455 Note: Interfaces not being utilized at a system level may require external pull-up or pull-down resistors. For specific details and requirements, see Section 4.2, “Functional Signal Definitions” on page 43. Note: Pin Configuration is set by the Expansion bus configuration when Reset is deasserted. Note: Blank field indicates no physical ball on package. |