| データシートサーチシステム |
|
S5000PAL データシート(PDF) 64 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
S5000PAL データシート(HTML) 64 Page - Intel Corporation |
|
64 / 112 page ![]() Intel ® Server Board S5000PAL / S5000XAL TPS Light Guided Diagnostics Revision 1.7 Intel order number: D31979-010 65 7.2 System ID LED and System Status LED The server board provides LEDs for both System ID and System Status. TP02309 ID LED Status LED Figure 21. System ID LED and System Status LED Locations. The blue “System ID” LED can be illuminated using either of two mechanisms. • By pressing the System ID Button on the system control panel the ID LED will display a solid blue color, until the button is pressed again. • By issuing the appropriate hex IPMI “Chassis Identify” value, the ID LED will either blink blue for 15 seconds and turn off or will blink indefinitely until the appropriate hex IPMI Chassis Identify value is issued to turn it off. |