| データシートサーチシステム |
|
S5000PAL データシート(PDF) 55 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
S5000PAL データシート(HTML) 55 Page - Intel Corporation |
|
55 / 112 page ![]() Connector / Header Locations and Pin-outs Intel ® Server Board S5000PAL / S5000XAL TPS Revision 1.7 Intel order number: D31979-010 56 Table 24. 50-pin Intel ® I/O Expansion Module Connector Pin-out (J3B1) Pin Signal Name Pin Signal Name 1 P3V3_AUX 2 P3V3_AUX 3 PE_RST_G2_PM_N 4 GND 5 GND 6 PE2_ESB_RXP_C<0> 7 GND 8 PE2_ESB_RXN_C<0> 9 PE2_ESB_TXP_C<0> 10 GND 11 PE2_ESB_TXN_C<0> 12 GND 13 GND 14 PE2_ESB_RXP_C<1> 15 GND 16 PE2_ESB_RXN_C<1> 17 PE2_ESB_TXP_C<2> 18 GND 19 PE2_ESB_TXN_C<2> 20 GND 21 GND 22 PE2_ESB_RXP_C<2> 22 GND 24 PE2_ESB_RXN_C<2> 25 PE2_ESB_TXP_C<1> 26 GND 27 PE2_ESB_TXN_C<1> 28 GND 29 GND 30 PE2_ESB_RXP_C<3> 31 GND 32 PE2_ESB_RXN_C<3> 33 PE2_ESB_TXP_C<0> 34 GND 35 PE2_ESB_TXN_C<0> 36 GND 37 GND 38 CLK_100M_LP_PCIE_SLOT3_P 39 GND 40 CLK_100M_LP_PCIE_SLOT3_N 41 PE_WAKE_N 42 GND 43 P3V3 44 P3V3 45 P3V3 46 P3V3 47 P3V3 48 P3V3 49 P3V3 50 P3V3 5.7.5 SATA Connectors The server board provides six SATA (Serial ATA) connectors: SATA-0 (J1H1), SATA-1 (J1G2), SATA-2 (J1G1), SATA-3 (J1F2), SATA-4 (J1F1), and SATA-5 (J1E3), for use with an internal SATA backplane. The pin configuration for each connector is identical and is defined in the following table. Table 25. SATA Connector Pin-out (J1H1, J1G2, J1G1, J1F2, J1E3) Pin Signal Name Description 1 GND GND1 2 SATA#_TX_P_C Positive side of transmit differential pair 3 SATA#_TX_N_C Negative side of transmit differential pair 4 GND GND2 5 SATA#_RX_N_C Negative side of Receive differential pair 6 SATA#_RX_P_C Positive side of Receive differential pair 7 GND GND3 |