データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FX839 データシート(PDF) 16 Page - CML Microcircuits

部品番号 FX839
部品情報  Analogue Control Interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CMLMICRO [CML Microcircuits]
ホームページ  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX839 データシート(HTML) 16 Page - CML Microcircuits

Back Button FX839 Datasheet HTML 12Page - CML Microcircuits FX839 Datasheet HTML 13Page - CML Microcircuits FX839 Datasheet HTML 14Page - CML Microcircuits FX839 Datasheet HTML 15Page - CML Microcircuits FX839 Datasheet HTML 16Page - CML Microcircuits FX839 Datasheet HTML 17Page - CML Microcircuits FX839 Datasheet HTML 18Page - CML Microcircuits FX839 Datasheet HTML 19Page - CML Microcircuits FX839 Datasheet HTML 20Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
Analogue Control Interface
FX839
© 1997 Consumer Microcircuits Limited
16
D/839/4
1.7
Performance Specification
1.7.1
Electrical Performance
Absolute Maximum Ratings
Exceeding these maximum ratings can result in damage to the device.
Min.
Max.
Units
Supply (VDD - VSS) (either AVDD or DVDD)
-0.3
7.0
V
Voltage on any pin to VSS
-0.3
VDD + 0.3
V
Current into or out of AVDD, DVDD and VSS pins
-30
+30
mA
Current into or out of any other pin
-20
+20
mA
AVDD - DVDD
-100
+100
mV
P4/D2 Package
Min.
Max.
Units
Total Allowable Power Dissipation at Tamb = 25°C
800
mW
... Derating
13
mW/°C
Storage Temperature
-55
+125
°C
Operating Temperature
-40
+85
°C
D5 Package
Min.
Max.
Units
Total Allowable Power Dissipation at Tamb = 25°C
550
mW
... Derating
9
mW/°C
Storage Temperature
-55
+125
°C
Operating Temperature
-40
+85
°C
Operating Limits
Correct operation of the device outside these limits is not implied.
Notes
Min.
Max.
Units
Supply (VDD - VSS) (either AVDD or DVDD)
3.0
5.5
V
Operating Temperature
-40
+85
°C
Xtal Frequency
0.5
6.0
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com