データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GS9025ACTME3 データシート(PDF) 14 Page - Gennum Corporation

部品番号 GS9025ACTME3
部品情報  Serial Digital Receiver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GENNUM [Gennum Corporation]
ホームページ  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9025ACTME3 データシート(HTML) 14 Page - Gennum Corporation

Back Button GS9025ACTME3 Datasheet HTML 10Page - Gennum Corporation GS9025ACTME3 Datasheet HTML 11Page - Gennum Corporation GS9025ACTME3 Datasheet HTML 12Page - Gennum Corporation GS9025ACTME3 Datasheet HTML 13Page - Gennum Corporation GS9025ACTME3 Datasheet HTML 14Page - Gennum Corporation GS9025ACTME3 Datasheet HTML 15Page - Gennum Corporation GS9025ACTME3 Datasheet HTML 16Page - Gennum Corporation GS9025ACTME3 Datasheet HTML 17Page - Gennum Corporation GS9025ACTME3 Datasheet HTML 18Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
GENNUM CORPORATION
522 - 75 - 05
14 of 18
Fig. 22 Model of the GS9025A
2.9.1
Transfer Function
The transfer function of the PLL is defined as Øoi and can
be approximated as:
Equation 1
where
and
N is the divider modulus
D is the data density (=0.5 for NRZ data)
ICP is the charge pump current in amps
Kƒ is the VCO gain in Hz/V
This
response
has
1
zero
(wZ) and
three
poles
(wP1,wBW,wP2) where:
The bode plot for this transfer function is plotted in
Figure 23.
Fig. 23 Transfer Function Bode Plot
The
3dB
bandwidth
of
the
transfer
function
is
approximately:
2.9.2
Transfer Function Peaking
There are two causes of peaking in the PLL transfer function
given by Equation 1.
The first is the quadratic:
which has:
and
This response is critically damped for Q = 0.5.
Thus, to avoid peaking:
or
Therefore,
wP2 > 4 wBW
To reduce the high frequency content on the loop filter, keep
wP2 as low as possible.
The second is the zero-pole combination:
LOOP
FILTER
Øi
Øo
VCO
ΙCP
RLF
KPD
CLF1
CLF2
PHASE
DETECTOR
2
π Kƒ
+
-
Ns
Ø
o
Ø
i
-------
sC
LF1RLF
1
+
sC
LF1RLF
L
R
LF
---------
⎝⎠
⎛⎞
1
+
----------------------------------------------------------------
1
s
2
C
LF2Ls
L
R
LF
---------
1
++
---------------------------------------------------------
=
L
N
DI
CPKƒ
--------------------
=
w
Z
1
C
LF1RLF
-----------------------
=
w
P1
1
C
LF1RLF
L
R
LF
---------
---------------------------------------
=
w
BW
R
LF
L
---------
=
w
P2
1
C
LF2RLF
-----------------------
=
WZ
WP1
WBW
WP2
FREQUENCY
w
3dB
w
BW
12
w
BW
w
P2
------------
w
BW wP2
()
2
12
w
BW
w
P2
------------
----------------------------------
+
----------------------------------------------------------------------
w
BW
0.78
------------
=
s
2
C
LF2Ls
L
R
LF
---------
1
++
w
o
1
C
LF2L
--------------------
=
QR
LF
R
LF2
L
------------
=
R
LF
C
LF2
L
-------------
1
2
---
<
1
R
LF2CLF2
--------------------------
L
R
LF
---------
4
>
sC
LF1RLF
1
+
sC
LF1RLF
1
R
LF
---------
⎝⎠
⎛⎞
1
+
----------------------------------------------------------
s
w
Z
-------
1
+
s
w
P1
----------
1
+
--------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com