データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FD2000 データシート(PDF) 4 Page - Finechips

部品番号 FD2000
部品情報  LCD Display Driver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FINECHIPS [Finechips]
ホームページ  http://www.finechips.com
Logo FINECHIPS - Finechips

FD2000 データシート(HTML) 4 Page - Finechips

  FD2000 Datasheet HTML 1Page - Finechips FD2000 Datasheet HTML 2Page - Finechips FD2000 Datasheet HTML 3Page - Finechips FD2000 Datasheet HTML 4Page - Finechips FD2000 Datasheet HTML 5Page - Finechips FD2000 Datasheet HTML 6Page - Finechips FD2000 Datasheet HTML 7Page - Finechips FD2000 Datasheet HTML 8Page - Finechips FD2000 Datasheet HTML 9Page - Finechips Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
FD2000
Rev1.0
4/37
1. OVERVIEW
The FD2000 is 1/8 to 1/10 duty dot matrix LCD display controller/drivers that supports the display of characters,
numbers, and symbols. In addition to generating dot matrix LCD drive signals based on data transferred serially
from a microcontroller, the FD2000 also provide on-chip character display ROM and RAM to allow display
systems to be implemented easily.
2. FEATURES
• Controls and drives a 5 x 7, 5 x 8, or 5 x 9 dot matrix LCD.
• Supports accessory display segment drive (up to 60 segments)
• Display technique
1/8 duty 1/4 bias drive (5 x 7 dots)
1/9 duty 1/4 bias drive (5 x 8 dots)
1/10 duty 1/4 bias drive (5 x 9 dots)
• Display digits
12 digits x 1 line (5 x 7 dots)
11 digits x 1 line (5 x 8 or 5 x 9 dots)
• Display control memory
CGROM: 240 characters (5 x 7, 5 x 8, or 5 x 9 dots)
CGRAM: 16 characters (5 x 7, 5 x 8, or 5 x 9 dots)
ADRAM: 12 x 5 bits
DCRAM: 48 x 8 bits
• Instruction function
Display on/off control
Display shift function
• Provides a backup function based on low power modes
• Serial data input support
• Independent LCD drive block power supply VLCD
• Provides a RESETB pin for LSI internal initialization
• RC oscillator circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37