データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FD2000 データシート(PDF) 13 Page - Finechips

部品番号 FD2000
部品情報  LCD Display Driver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FINECHIPS [Finechips]
ホームページ  http://www.finechips.com
Logo FINECHIPS - Finechips

FD2000 データシート(HTML) 13 Page - Finechips

Back Button FD2000 Datasheet HTML 9Page - Finechips FD2000 Datasheet HTML 10Page - Finechips FD2000 Datasheet HTML 11Page - Finechips FD2000 Datasheet HTML 12Page - Finechips FD2000 Datasheet HTML 13Page - Finechips FD2000 Datasheet HTML 14Page - Finechips FD2000 Datasheet HTML 15Page - Finechips FD2000 Datasheet HTML 16Page - Finechips FD2000 Datasheet HTML 17Page - Finechips Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
FD2000
Rev1.0
13/37
8. SERIAL DATA TRANSFER FORMAT
− When CL is stopped at the low level
− When CL is stopped at the high level
− Address: 47H
− D0 to D63: Instruction data
The data is acquired on the rising edge of the CL signal and latched on the falling edge of the CE signal. When
transferring instruction data from the microcontroller, applications must assure that the time from the transfer of
one set of instruction data until the next instruction data transfer is significantly longer than the instruction
execution time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37