データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IXDN0036 データシート(PDF) 18 Page - IXYS Corporation

部品番号 IXDN0036
部品情報  Several lamp types
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IXYS [IXYS Corporation]
ホームページ  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDN0036 データシート(HTML) 18 Page - IXYS Corporation

Back Button IXDN0036 Datasheet HTML 14Page - IXYS Corporation IXDN0036 Datasheet HTML 15Page - IXYS Corporation IXDN0036 Datasheet HTML 16Page - IXYS Corporation IXDN0036 Datasheet HTML 17Page - IXYS Corporation IXDN0036 Datasheet HTML 18Page - IXYS Corporation IXDN0036 Datasheet HTML 19Page - IXYS Corporation IXDN0036 Datasheet HTML 20Page - IXYS Corporation IXDN0036 Datasheet HTML 21Page - IXYS Corporation IXDN0036 Datasheet HTML 22Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 41 page
background image
ATAVRFBKIT / EVLD001 User Guide
6-19
7597A–AVR–02/06
Section 6
ATPWMx Demonstrator Software
This section of the application note describes the software architecture utilizing the fol-
lowing source code files and related state machines.
Main_pwmx_fluo_demo.c
ADC State Machine
COMMAND CONTROL State Machine
Pfc_ctrl.c
PFC State Machine
Lamp_ctrl.c
Lamp State Machine
Associated header files:
• Main_pwmx_fluo_demo.h
• Pfc_ctrl.h
• Lamp_ctrl.h
Including the following peripherals:
• TIMER0, ADC, amplifier, Comparator0, PSC0, PSC2, PLL, DALI via
EUSART
The application has been designed to work either with the AT910PW3 and 2.
In order to operate ballast operate, three primary control systems should run simulta-
neously. One for the PFC control, one for the Lamp control, and one for the Command
control of the ballast.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41