| データシートサーチシステム |
|
IXDN0036 データシート(PDF) 28 Page - IXYS Corporation |
|
|
|||||||||||||||||||||||||||||
IXDN0036 データシート(HTML) 28 Page - IXYS Corporation |
|
28 / 41 page ![]() ATPWMx Demonstrator Software ATAVRFBKIT / EVLD001 User Guide 6-29 7597A–AVR–02/06 PFC_DELAY_FOR_NEXT_PFC_SOFT_START In case the s o ft s tart fail s, the software has to w a it DELAY_FOR_NEXT_PFC_SOFT_START*DELAY_MULTIPLIER_FOR_NEXT_PFC_S OFT_START, before trying a new soft start by going back to the START_PFC_SOFT_START state. START_PFC_CONTROL_LOOP A zero crossing detection occurs so the PFC is now started, and the PFC can be config- ured to autoretrigg mode. The power will then be sufficient to set the microcontroller at its nominal speed on the next SET_MICROCONTROLLER_NOMINAL_SPEED state. SET_MICROCONTROLLER_NOMINAL_SPEED The PFC is now running, so the microcontroller can now run at its full speed and the lamp can be switched on. Then the gv_pfc_state is set to PFC_CONTROL_LOOP. This directly impacts the lamp state m a ch in e which g o e s fr o m a LAM P_OFF state to a CONFIGURE_LAMP_PREHEAT state. PFC_CONTROL_LOOP PFC is now running... This is the normal PFC loop control. In the case g_v_request_lamp_off is equal to 1 during a V_LAMP or an I_LAMP state of the ADC state machine, the PFC will be shut down and the microcontrollers speed will be d e cr ea sed in or de r t o r e d u ce p o we r con s um ptio n in t he ne w SHUT_DOWN_PFC_AND_SLOW_DOWN_UC_SPEED state. SHUT_DOWN_PFC_AND_SLOW_DOWN_UC_SPEED Switch off the PFC. Switch the microcontroller to a low power consumption mode. Then go back to PFC_OFF state. 6.2.2 PFC State Machine Global variables 6.2.2.1 Input variables which have an impact on PFC state machine: • gv_pfc_state is set from PFC_OFF state to INIT_PFC_HAVERSINE_CHECK state on the Control state machine in Main_pwmx_fluo_demo.c file when the user requests to switch the lamp on. • gv_pfc_state is also set from PFC_CONTROL_LOOP state to SHUT_DOWN_PFC_AND_SLOW_DOWN_UC_SPEED state on the Control state machine in Main_pwmx_fluo_demo.c file when the user requests to switch the lamp off. |