データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IXDN0036 データシート(PDF) 29 Page - IXYS Corporation

部品番号 IXDN0036
部品情報  Several lamp types
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IXYS [IXYS Corporation]
ホームページ  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDN0036 データシート(HTML) 29 Page - IXYS Corporation

Back Button IXDN0036 Datasheet HTML 25Page - IXYS Corporation IXDN0036 Datasheet HTML 26Page - IXYS Corporation IXDN0036 Datasheet HTML 27Page - IXYS Corporation IXDN0036 Datasheet HTML 28Page - IXYS Corporation IXDN0036 Datasheet HTML 29Page - IXYS Corporation IXDN0036 Datasheet HTML 30Page - IXYS Corporation IXDN0036 Datasheet HTML 31Page - IXYS Corporation IXDN0036 Datasheet HTML 32Page - IXYS Corporation IXDN0036 Datasheet HTML 33Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 41 page
background image
ATPWMx Demonstrator Software
6-30
ATAVRFBKIT / EVLD001 User Guide
7597A–AVR–02/06
6.2.2.2
Output variables
which can impact
other state
machines:
• gv_lamp_state is set from the LAMP_OFF state to the
CONFIGURE_LAMP_PREHEAT state when the PFC is ready on the
PFC_CONTROL_LOOP state.
6.3
Lamp_ctrl.c
This file executes the Lamp state machine according to the scheduler in the
Main_pwmx_fluo_demo.c file.
6.3.1
Lamp State Machine
The Lamp state machine functional diagram is shown below:
The different states are outlined below:
Figure 6-5. Lamp State Machine
CONFIGURE_LAMP_PREHEAT
START_IGNITION
LAMP_PREHEAT
LAMP_NUMBER_CHECK
g_lamp_time_multiplier >= LAMP_PREHEAT_TIME_MULTIPLIER
gs_lamp_check_number >= 15
LAMP_OFF
gv_pfc_state==PFC_CONTROL_LOOP
gv_request_lamp_off ==1 during V_LAMP_CONV or
I_LAMP_CONV in ADC state machine in ADC state machine
g_inverter_comparison_values.ontime1 <
INVERTER_XXX_LAMP_IGNITION_HALF_PERIOD
IGNITION
Get_i_lamp() >= ONE_LAMP_MINIMUM_IGNITION_CURRENT
&& et_v_lamp() < IGNITION_MAXIMUM_IGNITION_VOLTAGE
RESTART_PREHEAT
gs_lamp_ignition_tries <
LAMP_IGNITION_MAX_TRIES
START_RUN_MODE
g_inverter_comparison_values.ontime1 >=
INVERTER_RUN_HALF_PERIOD
RUN_MODE
g_number_of_lamps > 0
TOO_MANY_LAMP_IGNITION_TRIES
NO_LAMP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41