| データシートサーチシステム |
|
DM9621 データシート(PDF) 39 Page - Davicom Semiconductor, Inc. |
|
|
|||||||||||||||||||||||||||||
DM9621 データシート(HTML) 39 Page - Davicom Semiconductor, Inc. |
|
39 / 66 page ![]() DM9621 USB2.0 to Fast Ethernet Controller Preliminary 39 Version: DM9621 -14-DS-P02 February 23, 2011 7. Functional description 7.1 USB Functional description 7.1.1 USB Standard Command 1. Supported Standard Command Setup Stage Data Stage BmReqType BRequest wValue wIndex wLength Data 00000000B Zero 00000001B Interface 00000010B CLEAR_FEATURE Feature Selector Endpoint Zero None 10000000B GET_CONFIGURATION Zero Zero One Configuration value 10000000B GET_DESCRIPTOR Descriptor type/index Zero/LID Length Descriptor 10000001B GET_INTERFACE Zero Interface One Alternate Interface 10000000B Zero 10000001B Interface 10000010B GET_STATUS Zero Endpoint Two Status 00000000B SET_ADDRESS Device address Zero Zero None 00000000B SET_CONFIGURATION Configuration value Zero Zero None 00000000B SET_DESCRIPTOR Descriptor type/index Zero/LID Length Descriptor 00000000B Zero 00000001B Interface 00000010B SET_FEATURE Feature Selector Endpoint Zero None 00000001B SET_INTERFACE Alternate setting Interface Zero None 10000010B SYNCH_FRAME Zero Endpoint Two Frame Number |