| データシートサーチシステム |
|
DM9621 データシート(PDF) 48 Page - Davicom Semiconductor, Inc. |
|
|
|||||||||||||||||||||||||||||
DM9621 データシート(HTML) 48 Page - Davicom Semiconductor, Inc. |
|
48 / 66 page ![]() DM9621 USB2.0 to Fast Ethernet Controller Preliminary 48 Version: DM9621 -14-DS-P02 February 23, 2011 7.1.5 Descriptors of string/1/2/3 are loaded from EEPROM String1 Descriptor/UNICODE String Offset Field Size Value Description 0 bLength 1 Descriptor length loading from EEPROM 1 bDescriptorType 1 03H STRING Descriptor Type 2~ bString n Manufacture String2 Descriptor/UNICODE String Offset Field Size Value Description 0 bLength 1 Descriptor length loading from EEPROM 1 bDescriptorType 1 03H STRING Descriptor Type 2~ bString n Product String3 Descriptor/UNICODE String Offset Field Size Value Description 0 bLength 1 Descriptor length loading from EEPROM 1 bDescriptorType 1 03H STRING Descriptor Type 2~ bString n Serial Number Descriptors of string/1/2/3 if no EEPROM exist. String1 Descriptor/UNICODE String Offset Field Size Value Description 0 bLength 1 04H Descriptor length 1 bDescriptorType 1 03H STRING Descriptor Type 2~ bString 2 0020H Manufacture String2 Descriptor/UNICODE String Offset Field Size Value Description 0 bLength 1 10H Descriptor length 1 bDescriptorType 1 03H STRING Descriptor Type 2~ bString 14 55 00 53 00 42 00 20 00 45 00 74 00 68 00 |