| データシートサーチシステム |
|
MPL3115A2 データシート(PDF) 36 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPL3115A2 データシート(HTML) 36 Page - Freescale Semiconductor, Inc |
|
36 / 44 page ![]() MPL3115A2 Sensors 36 Freescale Semiconductor, Inc. 7.17.5 CTRL_REG5 [Interrupt Configuration Register] (0x2A) Figure 8. Interrupt Controller Block Diagram Table 66. CTRL_REG5 Register 7 6 5 4 3 2 1 0 R INT_CFG_DRDY INT_CFG_FIFO INT_CFG_PW INT_CFG_TW INT_CFG_PTH INT_CFG_TTH INT_CFG_PCHG INT_CFG_TCHG W Reset 0 0 0 0 0 0 0 0 Table 67. Interrupt Configuration Register Descriptions Interrupt Configuration Description INT_CFG_DRDY INT1/INT2 Configuration. Default value: 0 0: Interrupt is routed to INT2 pin; 1: Interrupt is routed to INT1 INT_CFG_FIFO INT1/INT2 Configuration. Default value: 0 0: Interrupt is routed to INT2 pin; 1: Interrupt is routed to INT1 INT_CFG_PW INT1/INT2 Configuration. Default value: 0 0: Interrupt is routed to INT2 pin; 1: Interrupt is routed to INT1 INT_CFG_TW INT1/INT2 Configuration. Default value: 0 0: Interrupt is routed to INT2 pin; 1: Interrupt is routed to INT1 INT_CFG_PTH INT1/INT2 Configuration. Default value: 0 0: Interrupt is routed to INT2 pin; 1: Interrupt is routed to INT1 INT_CFG_TTH INT1/INT2 Configuration. Default value: 0 0: Interrupt is routed to INT2 pin; 1: Interrupt is routed to INT1 INT_CFG_PCHG INT1/INT2 Configuration. Default value: 0 0: Interrupt is routed to INT2 pin; 1: Interrupt is routed to INT1 INT_CFG_TCHG INT1/INT2 Configuration. Default value: 0 0: Interrupt is routed to INT2 pin; 1: Interrupt is routed to INT1 INTERRUPT CONTROLLER Pressure Change Temperature Window Pressure Window Temperature Threshold Pressure Threshold FIFO Data Ready INT_ENABLE INT_CFG INT1 INT2 88 Temperature Change Event Flag 0 Event Flag 2 Event Flag 1 Event Flag 3 Event Flag 4 Event Flag 5 Event Flag 6 Event Flag 7 |