| データシートサーチシステム |
|
MPL3115A2 データシート(PDF) 38 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPL3115A2 データシート(HTML) 38 Page - Freescale Semiconductor, Inc |
|
38 / 44 page ![]() MPL3115A2 Sensors 38 Freescale Semiconductor, Inc. 7.18.3 OFF_H (0x2D) Altitude Data User Offset Register (OFF_H) is expressed as a 2’s complement number in meters. The user offset register pro- vides user adjustment to the vertical height of the Altitude output. The range of values are from -128 to +127 meters. Table 71. OFF_Y Description Name Description OFF_T7-OFF_T0 Temperature offset trim value. Default value: 0000_0000. Table 72. OFF_H Register 7 6 5 43 210 R OFF_H7 OFF_H6 OFF_H5 OFF_H4 OFF_H3 OFF_H2 OFF_H1 OFF_H0 W Reset 0 0 0 00 000 Table 73. OFF_Y Description Name Description OFF_H7-OFF_H0 Height offset trim value. Default value: 0000_0000. |