| データシートサーチシステム |
|
ADS5294IPFPR データシート(PDF) 37 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
ADS5294IPFPR データシート(HTML) 37 Page - Texas Instruments |
|
37 / 67 page ![]() ADS5294 www.ti.com SLAS776B – NOVEMBER 2011 – REVISED JULY 2012 BIT-BYTE-WORD WISE OUTPUT ADDR. D15 D14 D13 D12 D11 D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 NAME (HEX) x EN_BITORDER 0 x BIT_WISE 28 1 X X X X X X X X EN_WORDWISE_B Y_CH<7:> Register 0x28 can select the LVDS ADC output as bit-wise,byte-wise or word-wise in the two wire mode. Figure 47 and Figure 48 illustrate the details. Figure 47. 12-Bit Word Wise Copyright © 2011–2012, Texas Instruments Incorporated Submit Documentation Feedback 37 Product Folder Link(s) :ADS5294 |