| データシートサーチシステム |
|
ADS5294IPFPR データシート(PDF) 41 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
ADS5294IPFPR データシート(HTML) 41 Page - Texas Instruments |
|
41 / 67 page ![]() 0 1 2 11 11 1 0 11 1 y(n) = (h x(n)+h x(n 1)+h x(n 2)+...+h x(n 11)+h x(n 12)...+h x(n 22)+h x(n 23) 2 æ ö ´ ´ ´ - ´ - ´ - ´ - ´ - ´ - é ù ç ÷ ë û è ø ADS5294 www.ti.com SLAS776B – NOVEMBER 2011 – REVISED JULY 2012 AVG_CTRL1<1> AVG_CTRL1<0> Contents of Bin 1 0 1 ADC Channel 7 1 0 ADC Channel 6 1 1 Average of ADC Channel 6, 5 AVG_CTRL8<1> AVG_CTRL8<0> Contents of Bin 8 0 0 Zero 0 1 ADC Channel 8 1 0 Average of ADC Channel 7, 8 1 1 Average of ADC Channel 5, 6, 7, 8 When the contents of a particular bin is set to Zero, then the LVDS buffer corresponding to that bin gets automatically powered down. DECIMATION FILTER ADDR. D15 D14 D13 D12 D11 D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 NAME (HEX) 29 X GLOBAL_EN_FILTER 2E X X X FILTER1_COEFF_SET<2:0> X X X FILTER1_RATE<2:0> X ODD_TAP1 X USE_FILTER1 2F X X X FILTER2_COEFF_SET<2:0> X X X FILTER2_RATE<2:0> X ODD_TAP2 X USE_FILTER2 30 X X X FILTER3_COEFF_SET<2:0> X X X FILTER3_RATE<2:0> X ODD_TAP3 X USE_FILTER3 31 X X X FILTER4_COEFF_SET<2:0> X X X FILTER4_RATE<2:0> X ODD_TAP4 X USE_FILTER4 32 X X X FILTER5_COEFF_SET<2:0> X X X FILTER5_RATE<2:0> X ODD_TAP5 X USE_FILTER5 33 X X X FILTER6_COEFF_SET<2:0> X X X FILTER6_RATE<2:0> X ODD_TAP6 X USE_FILTER6 34 X X X FILTER7_COEFF_SET<2:0> X X X FILTER7_RATE<2:0> X ODD_TAP7 X USE_FILTER7 35 X X X FILTER8_COEFF_SET<2:0> X X X FILTER8_RATE<2:0> X ODD_TAP8 X USE_FILTER8 The decimation filter is implemented as 24-tap FIR with symmetrical coefficients (each coefficient is 12-bit signed). The filter equation is: (1) Copyright © 2011–2012, Texas Instruments Incorporated Submit Documentation Feedback 41 Product Folder Link(s) :ADS5294 |