データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SBC9-330-252 データシート(PDF) 68 Page - NEC

部品番号 SBC9-330-252
部品情報  Power Inductors
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NEC [NEC]
ホームページ  http://www.nec.com/
Logo NEC - NEC

SBC9-330-252 データシート(HTML) 68 Page - NEC

Back Button SBC9-330-252 Datasheet HTML 64Page - NEC SBC9-330-252 Datasheet HTML 65Page - NEC SBC9-330-252 Datasheet HTML 66Page - NEC SBC9-330-252 Datasheet HTML 67Page - NEC SBC9-330-252 Datasheet HTML 68Page - NEC SBC9-330-252 Datasheet HTML 69Page - NEC SBC9-330-252 Datasheet HTML 70Page - NEC SBC9-330-252 Datasheet HTML 71Page - NEC SBC9-330-252 Datasheet HTML 72Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 104 page
background image
Power Inductors VOL.10
68
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9631PWIVOL10E1205E0
SMD Type
DC-Superposed Characteristics
10
8
7
9
6
5
4
3
2
1
0
02
19
8
7
6
5
4
313
12
11
10
Idc
(A)
110
100
90
80
60
50
70
40
30
20
10
0
0.0
1.0
5.0
4.0
2.0
3.0
6.0
Idc
(A)
H
・DI-1040-101
H
・DI-1040-680
H
・DI-1040-470
H
・DI-1040-330
H
・DI-1040-220
H
・DI-1040-150
H
・DI-1040-100
H
・DI-1040-101
H
・DI-1040-680
H
・DI-1040-470
H
・DI-1040-330
H
・DI-1040-220
H
・DI-1040-150
H
・DI-1040-100
H
・DI-1040-7R6
H
・DI-1040-5R6
H
・DI-1040-4R2
H
・DI-1040-3R0
H
・DI-1040-2R0
H
・DI-1040-1R5
H
・DI-1040-7R6
H
・DI-1040-5R6
H
・DI-1040-4R2
H
・DI-1040-3R0
H
・DI-1040-2R0
H
・DI-1040-1R5
H
・DI-1040 Series(1000pcs./reel)
Dimensions of indented square hole plastic tape
FG H
K
t
A
J
Reel dimensions
[mm]
AB
C
D
E
F
G
H
J
K
t
± 0.1
± 0.1
± 0.3
± 0.1
± 0.1
± 0.1
± 0.1
± 0.1 +0.1, –0 ± 0.1 ± 0.05
10.6
10.6
24.0
11.5
1.75
16.0
2.0
4.0
ø1.5
4.2
0.4
[mm]
AB
C
D
E
W1
W2
± 0.5
± 1.0
± 0.5
+2.0, –0
± 2.0
ø380
ø80
ø13.0
ø21.0
2.0
24.4
28.4
E
C
D
W1
W2
220
Packing position



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More