| データシートサーチシステム |
|
SBC9-330-252 データシート(PDF) 12 Page - NEC |
|
|
|||||||||||||||||||||||||||||
SBC9-330-252 データシート(HTML) 12 Page - NEC |
|
12 / 104 page ![]() SMD Type Power Inductors VOL.10 12 ●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data. ●Please request for a specification sheet for detailed product data prior to the purchase. ●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog. 9631PWIVOL10E1205E0 [mm] ±5.0 ø330 ±5.0 ø80 ±0.5 ø13.5 ±1.0 ø21.0 ±0.5 2.0 R1.0 ±2.0 24.4 A BC D E r W1 W2 ±3.0 30.4 [mm] A ±0.1 10.5 B ±0.1 12.1 W ±0.3 24.0 F ±0.1 11.5 E ±0.1 1.75 P1 ±0.1 16.0 P2 ±0.1 2.0 P0 ±0.1 4.0 øD0 ±0.05 1.55 T ±0.05 0.4 K ±0.1 5.2 W2 W1 C E D A P1 P0 P2 øD0 K T Dimensions of indented square hole plastic tape Reel dimensions MPC1040 Series (500pcs./reel) MPC1250 Series (500pcs./reel) Dimensions of indented square hole plastic tape Reel dimensions ± [mm] 2.0 ø380 ±5.0 ø100 ±0.5 ø13.0 ±0.8 ø21.0 ±0.5 2.0 R1.0 ±2.0 25.5 A B C D E r W1 W2 ±3.0 28.5 [mm] A ±0.2 13.1 B ±0.2 14.6 W ±0.4 24.0 F ±0.2 11.5 E ±0.2 1.75 P1 ±0.2 24.0 P2 ±0.2 2.0 P00 ±0.2 4.0 øD ±0.02 1.5 T ±0.1 0.4 K ±0.2 5.3 W2 W1 C E D A P1 P0 P2 øD0 K T [mm] ±±2.0 ø380 A ±1.0 ø100 B ±0.5 ø13.0 C ±0.8 ø21.0 D ±0.5 2.0 E R1.0 r ±2.0 24.4 W1 W2 ±3.0 30.4 [mm] W ±0.2 24.0 A ±0.1 10.5 B ±0.1 12.1 F ±0.1 11.5 E ±0.1 1.75 P1 ±0.1 24.0 P2 ±0.1 2.0 P0 ±0.1 4.0 0 øD ±0.05 1.55 T ±0.05 0.4 K ±0.1 6.0 MPC1055 Series (500pcs./reel) W2 W1 C E D A P1 P0 P2 øD0 K T Dimensions of indented square hole plastic tape Reel dimensions |