| データシートサーチシステム |
|
SBC9-330-252 データシート(PDF) 69 Page - NEC |
|
|
|||||||||||||||||||||||||||||
SBC9-330-252 データシート(HTML) 69 Page - NEC |
|
69 / 104 page ![]() Power Inductors VOL.10 69 ●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data. ●Please request for a specification sheet for detailed product data prior to the purchase. ●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog. 9631PWIVOL10E1205E0 SMD Type 12.5 max. 2.9 ±0.3 2.9 ±0.3 5.5 min. 4.0 max. 13.5 5.0 6.3 12.1 Recommended Land Pattern [mm] [mm] Shape and Dimensions land terminal 5.10 4.60 4.30 3.90 3.50 2.90 2.40 1.90 1.60 1.40 1.10 0.90 0.75 0.60 0.50 0.40 0.35 0.017 0.023 0.026 0.033 0.039 0.060 0.075 0.12 0.18 0.24 0.30 0.50 0.74 1.1 1.6 2.5 3.7 H ・DI-1240-2R2 2.2 ±25% H ・DI-1240-3R3 3.3 ±25% H ・DI-1240-4R7 4.7 ±25% H ・DI-1240-6R8 6.8 ±25% H ・DI-1240-100 10 ±25% H ・DI-1240-150 15 ±25% H ・DI-1240-220 22 ±25% H ・DI-1240-330 33 ±25% H ・DI-1240-470 47 ±20% H ・DI-1240-680 68 ±20% H ・DI-1240-101 100 ±20% H ・DI-1240-151 150 ±20% H ・DI-1240-221 220 ±20% H ・DI-1240-331 330 ±20% H ・DI-1240-471 470 ±20% H ・DI-1240-681 680 ±20% H ・DI-1240-102 1000 ±20% ●H・DI-1240 Series ●Operating temperature range: −20 to +105℃ (Including self-temperature rise) Model Inductance at 10kHz,1mA (μH) DC resistance (Ω)max. Rated current (A) Leadless Power Inductors H ・DI-1240 Series [RoHS Compliant] Leadless Power Inductors H ・DI-1240 Series [RoHS Compliant] |