データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM3447 データシート(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM3447
部品情報  Phase Dimmable, Primary Side Power Regulated PFC Flyback Controller for LED Lighting
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM3447 データシート(HTML) 6 Page - Texas Instruments

Back Button LM3447 Datasheet HTML 2Page - Texas Instruments LM3447 Datasheet HTML 3Page - Texas Instruments LM3447 Datasheet HTML 4Page - Texas Instruments LM3447 Datasheet HTML 5Page - Texas Instruments LM3447 Datasheet HTML 6Page - Texas Instruments LM3447 Datasheet HTML 7Page - Texas Instruments LM3447 Datasheet HTML 8Page - Texas Instruments LM3447 Datasheet HTML 9Page - Texas Instruments LM3447 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
1
2
3
4
11
10
9
8
5
6
7
12
13
14
VAC
TSNS
FLT1
FLT2
FF
INV
COMP
GND
ISNS
GATE
VCC
AUX
HOLD
BIAS
TSSOP-14 PACKAGE
(Top View)
LM3447
SNOSC65 A – APRIL 2012 – REVISED MAY 2012
www.ti.com
PIN CONFIGURATION
PIN FUNCTIONS
NO.
NAME
I/O
DESCRIPTION
The current at this pin sets the input power level during normal operation. Connect through a resistor to
1
VAC
I
rectified input line voltage.
2
TSNS
I
To implement thermal foldback, connect this pin to an external negative temperature coefficient (NTC) resistor.
This pin is the output of angle sense comparator. Connect a series resistor from this pin to a capacitor to
3
FLT1
O
ground to establish the low pass filter bandwidth.
Connect this pin to the output of low pass filter from FLT1 pin to enable dimming. This pin is an input to the
4
FLT2
I
internal dim decoder circuitry. For non-dimming applications connect this pin to TSNS.
Connect a parallel resistor and capacitor from this pin to ground to filter twice the line frequency ripple. This is
5
FF
O
the output of the input voltage feedforward circuitry.
This pin is the input of the internal Gm error amplifier. To implement primary side power regulation, connect this
6
INV
I
to the FF. To implement secondary side current regulation, connect this pin to the output of opto-isolator circuit.
Output of the Gm error amplifier. Connect a capacitor to ground set desired integral loop compensation
7
COMP
I/O
bandwidth.
8
GND
Ground return
Connect to the source of the switching MOSEFT and a resistor ground to sense transistor current. Overcurrent
9
ISNS
I
protection is engaged when the voltage exceeds 275mV threshold.
10
GATE
O
This output provides the gate drive for the power switching MOSEFT.
This is the input to the internal pre-regulator. Connect a bypass capacitor to ground. This pin enables and
11
VCC
disables general functions of the LM3447 using the UVLO feature. Device enters overvoltage protection mode
when the voltage is >18.9V.
This pin is used to sense the auxiliary winding voltage and perform valley switching operation. Overvoltage
12
AUX
I
protection is engaged when the voltage exceeds the threshold of 1.75V during off time.
Connect to a holding resistor from the drain of the pre-regulator to this pin. The pin draws current during the
13
HOLD
zero crossings of the rectified input line voltage.
Connect to external pre-regulator transistor to enable startup. When VCC is below UVLO threshold the pin is
14
BIAS
clamped to 17.7V. After VCC crosses UVLO threshold the pin is clamped to 13.5V.
6
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: LM3447



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com