データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM3447 データシート(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM3447
部品情報  Phase Dimmable, Primary Side Power Regulated PFC Flyback Controller for LED Lighting
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM3447 データシート(HTML) 7 Page - Texas Instruments

Back Button LM3447 Datasheet HTML 3Page - Texas Instruments LM3447 Datasheet HTML 4Page - Texas Instruments LM3447 Datasheet HTML 5Page - Texas Instruments LM3447 Datasheet HTML 6Page - Texas Instruments LM3447 Datasheet HTML 7Page - Texas Instruments LM3447 Datasheet HTML 8Page - Texas Instruments LM3447 Datasheet HTML 9Page - Texas Instruments LM3447 Datasheet HTML 10Page - Texas Instruments LM3447 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
93.4
93.8
94.2
94.6
95
95.4
95.8
96.2
−40 −25 −10
5
20
35
50
65
80
95
110 125
Temperature (°C)
G006
−55
−50
−45
−40
−35
−30
−25
−20
−15
−10
−5
50
100
150
200
250
300
350
400
450
500
550
IVAC (µA)
G007
0
0.5
1
1.5
2
2.5
3
3.5
4
0
2
4
6
8
10
12
14
16
18
20
VCC (V)
VCC Rising
VCC Falling
G004
64.4
64.8
65.2
65.6
66
66.4
66.8
67.2
−40 −25 −10
5
20
35
50
65
80
95
110 125
Temperature (°C)
G005
5
6
7
8
9
10
11
12
13
−40 −25 −10
5
20
35
50
65
80
95
110 125
UVLO Rising
UVLO Falling
Temperature (°C)
G001
18.5
18.6
18.7
18.8
18.9
19
19.1
19.2
−40 −25 −10
5
20
35
50
65
80
95
110 125
OVP Rising
OVP Falling
Temperature (°C)
G002
LM3447
www.ti.com
SNOSC65 A – APRIL 2012 – REVISED MAY 2012
TYPICAL CHARACTERISTICS
Unless otherwise stated, –40°C
≤ TA = TJ ≤ +125°C, VVCC = 14 V, VTSNS = 1.75V, VFLT2 = 1.75V, VAUX = 0.5V, VINV = 0V,
IVAC = 100 μA, IBIAS = 100μA, CVCC = 10 μF, CCOMP = 0.047 μF
Figure 1. VCC UVLO vs. Junction Temperature
Figure 2. VCC OVP vs. Junction Temperature
Figure 3. Operational IVCC vs.
Figure 4. Dimmer Angle Detect Threshold Current vs.
VCC Voltage
Junction Temperature
Figure 5. Hold MOSFET Turn-on Threshold Current vs.
Figure 6. Feedforward Source Current (IFF) vs. VAC Current
(IVAC)
Junction Temperature
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM3447



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com