データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CPH3448 データシート(PDF) 1 Page - Sanyo Semicon Device

部品番号 CPH3448
部品情報  General-Purpose Switching Device Applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

CPH3448 データシート(HTML) 1 Page - Sanyo Semicon Device

  CPH3448_12 Datasheet HTML 1Page - Sanyo Semicon Device CPH3448_12 Datasheet HTML 2Page - Sanyo Semicon Device CPH3448_12 Datasheet HTML 3Page - Sanyo Semicon Device CPH3448_12 Datasheet HTML 4Page - Sanyo Semicon Device CPH3448_12 Datasheet HTML 5Page - Sanyo Semicon Device CPH3448_12 Datasheet HTML 6Page - Sanyo Semicon Device CPH3448_12 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
CPH3448
No. A1648-1/7
Features
•
1.8V drive
•
Halogen free compliance
•
Protection diode in
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Drain-to-Source Voltage
VDSS
30
V
Gate-to-Source Voltage
VGSS
±12
V
Drain Current (DC)
ID
4A
Drain Current (Pulse)
IDP
PW≤10μs, duty cycle≤1%
16
A
Allowable Power Dissipation
PD
When mounted on ceramic substrate (900mm2×0.8mm)
1.0
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Package Dimensions
unit : mm (typ)
7015A-004
Ordering number : ENA1648A
61312 TKIM/90110PE TKIM TC-00002462
CPH3448
N-Channel Silicon MOSFET
General-Purpose Switching Device
Applications
http://semicon.sanyo.com/en/network
Product & Package Information
• Package
: CPH3
• JEITA, JEDEC
: SC-59, TO-236, SOT-23
• Minimum Packing Quantity : 3,000 pcs./reel
Packing Type: TL
Marking
Electrical Connection
1
2
3
TL
SANYO Semiconductors
DATA SHEET
CPH3448-TL-H
1 : Gate
2 : Source
3 : Drain
SANYO : CPH3
2.9
0.05
0.4
0.15
2
1
3
0.95


同様の部品番号 - CPH3448_12

メーカー部品番号データシート部品情報
logo
ON Semiconductor
CPH3448-TL-H ONSEMI-CPH3448-TL-H Datasheet
709Kb / 5P
Single N-Channel Power MOSFET
July, 2014
CPH3448-TL-W ONSEMI-CPH3448-TL-W Datasheet
709Kb / 5P
Single N-Channel Power MOSFET
July, 2014
More results

同様の説明 - CPH3448_12

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
CPH6415 SANYO-CPH6415 Datasheet
54Kb / 4P
General-Purpose Switching Device Applications
2SK3352 SANYO-2SK3352_05 Datasheet
42Kb / 4P
General-Purpose Switching Device Applications
2SJ662 SANYO-2SJ662 Datasheet
42Kb / 4P
General-Purpose Switching Device Applications
2SJ666 SANYO-2SJ666 Datasheet
41Kb / 4P
General-Purpose Switching Device Applications
VEC2822 SANYO-VEC2822 Datasheet
78Kb / 6P
General-Purpose Switching Device Applications
2SK4198FS SANYO-2SK4198FS Datasheet
273Kb / 5P
General-Purpose Switching Device Applications
2SK4227JS SANYO-2SK4227JS Datasheet
275Kb / 5P
General-Purpose Switching Device Applications
ATP213 SANYO-ATP213 Datasheet
262Kb / 4P
General-Purpose Switching Device Applications
BXL4001 SANYO-BXL4001 Datasheet
281Kb / 5P
General-Purpose Switching Device Applications
ECH8320 SANYO-ECH8320 Datasheet
280Kb / 4P
General-Purpose Switching Device Applications
More results


Html Pages

1 2 3 4 5 6 7