データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CPH3448 データシート(PDF) 3 Page - Sanyo Semicon Device

部品番号 CPH3448
部品情報  General-Purpose Switching Device Applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

CPH3448 データシート(HTML) 3 Page - Sanyo Semicon Device

  CPH3448_12 Datasheet HTML 1Page - Sanyo Semicon Device CPH3448_12 Datasheet HTML 2Page - Sanyo Semicon Device CPH3448_12 Datasheet HTML 3Page - Sanyo Semicon Device CPH3448_12 Datasheet HTML 4Page - Sanyo Semicon Device CPH3448_12 Datasheet HTML 5Page - Sanyo Semicon Device CPH3448_12 Datasheet HTML 6Page - Sanyo Semicon Device CPH3448_12 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
CPH3448
No. A1648-3/7
ID -- VGS
Gate-to-Source Voltage, VGS -- V
Drain-to-Source Voltage, VDS -- V
ID -- VDS
0
1.5
1.0
0.5
3.0
2.5
2.0
3.5
4.0
0
1.5
1.0
0.5
3.0
2.5
2.0
4.0
3.5
4.5
5.0
0
IT14344
IT14345
0.1
0.4
0.2
0.6
0.5
0.3
0.8
0.7
0.9
1.0
0
0.4
0.8
1.2
1.6
1.8
0.2
0.6
1.0
1.4
2.0
VDS=10V
VGS=1.2V
1.5V
Gate-to-Source Voltage, VGS -- V
Ambient Temperature, Ta --
°C
RDS(on) -- Ta
RDS(on) -- VGS
IS -- VSD
Diode Forward Voltage, VSD -- V
Drain Current, ID -- A
| yfs | -- I
D
SW Time -- ID
Drain Current, ID -- A
Ciss, Coss, Crss -- VDS
Drain-to-Source Voltage, VDS -- V
0
0.4
0.2
0.6
1.2
1.0
0.8
0.01
0.1
7
5
5
3
2
2
1.0
7
5
3
2
7
3
--60 --40 --20
0
20
40
60
80
100 120 140 160
0
20
60
40
120
140
100
80
VGS
=1.8V
, ID
=0.5A
VGS
=4.5V
, ID
=2.0A
VGS
=2.5V
, ID
=1.0A
IT14346
Ta=25
°C
IT14347
IT14348
IT14349
Ta=
--25
°C
75
°C
25
°C
VDS=10V
VGS=0V
10
7
5
2
5
3
2
3
2
3
100
7
5
0.01
IT14350
VDD=15V
VGS=4.5V
td(off)
tr
tf
10
2
0.1
35 7
2
2
3
5 7
1.0
35 7
2
td(on)
ID=1A
0.5A
01
56
4
3
28
10
79
0
20
40
120
80
60
100
140
2
2
1.0
7
0.1
5
5
3
7
3
0.1
2
0.01
57
23
3
1.0
2
57
35
2A
030
10
15
20
25
5
IT14351
7
100
5
3
2
7
5
3
2
1000
10
Crss
Coss
Ciss
f=1MHz



Html Pages

1 2 3 4 5 6 7