データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CPH3448 データシート(PDF) 2 Page - Sanyo Semicon Device

部品番号 CPH3448
部品情報  General-Purpose Switching Device Applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

CPH3448 データシート(HTML) 2 Page - Sanyo Semicon Device

  CPH3448_12 Datasheet HTML 1Page - Sanyo Semicon Device CPH3448_12 Datasheet HTML 2Page - Sanyo Semicon Device CPH3448_12 Datasheet HTML 3Page - Sanyo Semicon Device CPH3448_12 Datasheet HTML 4Page - Sanyo Semicon Device CPH3448_12 Datasheet HTML 5Page - Sanyo Semicon Device CPH3448_12 Datasheet HTML 6Page - Sanyo Semicon Device CPH3448_12 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
CPH3448
No. A1648-2/7
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Drain-to-Source Breakdown Voltage
V(BR)DSS
ID=1mA, VGS=0V
30
V
Zero-Gate Voltage Drain Current
IDSS
VDS=30V, VGS=0V
1
μA
Gate-to-Source Leakage Current
IGSS
VGS=±8V, VDS=0V
±10
μA
Cutoff Voltage
VGS(off)
VDS=10V, ID=1mA
0.4
1.3
V
Forward Transfer Admittance
| yfs |
VDS=10V, ID=2A
3.4
S
Static Drain-to-Source On-State Resistance
RDS(on)1
ID=2A, VGS=4.5V
38
50
RDS(on)2
ID=1A, VGS=2.5V
51
72
RDS(on)3
ID=0.5A, VGS=1.8V
80
130
Input Capacitance
Ciss
VDS=10V, f=1MHz
430
pF
Output Capacitance
Coss
VDS=10V, f=1MHz
59
pF
Reverse Transfer Capacitance
Crss
VDS=10V, f=1MHz
38
pF
Turn-ON Delay Time
td(on)
See specified Test Circuit.
10
ns
Rise Time
tr
See specified Test Circuit.
41
ns
Turn-OFF Delay Time
td(off)
See specified Test Circuit.
36
ns
Fall Time
tf
See specified Test Circuit.
37
ns
Total Gate Charge
Qg
VDS=15V, VGS=4.5V, ID=4A
4.7
nC
Gate-to-Source Charge
Qgs
VDS=15V, VGS=4.5V, ID=4A
0.8
nC
Gate-to-Drain “Miller” Charge
Qgd
VDS=15V, VGS=4.5V, ID=4A
1.1
nC
Diode Forward Voltage
VSD
IS=4A, VGS=0V
0.82
1.2
V
Switching Time Test Circuit
Ordering Information
Device
Package
Shipping
memo
CPH3448-TL-H
CPH3
3,000pcs./reel
Pb Free and Halogen Free
PW=10μs
D.C.≤1%
4.5V
0V
VIN
P.G
50Ω
G
S
ID=2A
RL=7.5Ω
VDD=15V
VOUT
VIN
D
CPH3448



Html Pages

1 2 3 4 5 6 7