| データシートサーチシステム |
|
CXD3003R データシート(PDF) 16 Page - Sony Corporation |
|
|
|||||||||||||||||||||||||||||
CXD3003R データシート(HTML) 16 Page - Sony Corporation |
|
16 / 137 page ![]() – 16 – CXD3003R [1] CPU Interface §1-1. CPU Interface Timing • CPU interface This interface uses DATA, CLOK and XLAT to set the modes. The interface timing chart is shown below. • The internal registers are initialized by a reset when XRST = 0. §1-2. CPU Interface Command Table Total bit length for each register Register 0 to 2 3 4 to 6 7 8 9 A B C D E 8 bits 8 to 24 bits 16 bits 20 bits 24 bits 20 bits 28 bits 20 bits 16 bits 20 bits 20 bits Total bit length 30ns or more D18 D19 D20 D21 D22 D23 750ns or more Valid CLOK DATA XLAT Registers D0 D1 |