| データシートサーチシステム |
|
CXD3003R データシート(PDF) 43 Page - Sony Corporation |
|
|
|||||||||||||||||||||||||||||
CXD3003R データシート(HTML) 43 Page - Sony Corporation |
|
43 / 137 page ![]() – 43 – CXD3003R PLM3 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 Mute L R L + R Mute L R L + R Mute L R L + R Mute L R L + R Mute Mute Mute Mute L L L L R R R R L + R L + R L + R L + R Mute Reverse Stereo Mono PLM2 PLM1 PLM0 Channel 1 output Channel 2 output Remarks Note) For normal stereo, channel 1 is the left channel and channel 2 is the right channel. The output data of L + R is (L + R)/2 to prevent overflow. • DAC PLAY MODE By controlling these command bits, the DAC outputs channel 1 and channel 2 can be output in 16 different combinations of left channel, right channel, left + right channel, and mute. The relationship between the commands and the outputs is shown in the table on the following page. Command Data 4 Function specification PLM3 PLM2 PLM1 PLM0 D11 D10 D9 D8 |