| データシートサーチシステム |
|
CXD3003R データシート(PDF) 72 Page - Sony Corporation |
|
|
|||||||||||||||||||||||||||||
CXD3003R データシート(HTML) 72 Page - Sony Corporation |
|
72 / 137 page ![]() – 72 – CXD3003R CAV-W CLVS CLV-W CLVP Rotational velocity Target speed Operation mode Spindle mode Time KICK LOCK ALOCK Fig. 3-1. Disc Stop to Regular Playback in CLV-W Mode §3-4. VCO-C Mode This is the VCO control mode. In this mode, the V16M oscillation frequency can be controlled by setting VP0 to 7, VPCTL0 and 1 of $D. V16M = n: Setting value of VP0 to 7 1: Setting value of VPCTL0 and 1 V16M determines the VCO1 oscillation frequency. The VCO1 frequency can be expressed with the following equations. • DSPB = 0 VCO1 = V16M × • DSPB = 1 VCO1 = V16M × 1 (256 – n) 32 49 24 49 16 |