データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STA321 データシート(PDF) 97 Page - STMicroelectronics

部品番号 STA321
部品情報  4-channel digital audio system with FFX??driver
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA321 データシート(HTML) 97 Page - STMicroelectronics

Back Button STA321 Datasheet HTML 93Page - STMicroelectronics STA321 Datasheet HTML 94Page - STMicroelectronics STA321 Datasheet HTML 95Page - STMicroelectronics STA321 Datasheet HTML 96Page - STMicroelectronics STA321 Datasheet HTML 97Page - STMicroelectronics STA321 Datasheet HTML 98Page - STMicroelectronics STA321 Datasheet HTML 99Page - STMicroelectronics STA321 Datasheet HTML 100Page - STMicroelectronics STA321 Datasheet HTML 101Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 157 page
background image
STA321
Register description
Doc ID 15351 Rev 3
97/157
CB_PFRAMP1
Address:
0x20
Type:
RW
Reset:
0x14
Description:
CB_PFRAMP2
Address:
0x21
Type:
RW
Reset:
0x80
Description:
Initial value of the ramp signal
CB_PFRAMP3
Address:
0x22
Type:
RW
Reset:
0x3C
Description:
765
432
10
CBRMP_MP[5:0]
Reserved
[7:2] CBRMP_MP[5:0]
Minimum pulse width of the PDM signal
[1:0] Reserved
765
432
10
CBRMPINI[15:8]
[7:0] CBRMPINI[15:8]
MSBs of CB ramp init
765
432
10
CBRMPINI[7:0]
[7:0] CBRMPINI[7:0]
LSBs of CB ramp init



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More