データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STA321 データシート(PDF) 98 Page - STMicroelectronics

部品番号 STA321
部品情報  4-channel digital audio system with FFX??driver
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA321 データシート(HTML) 98 Page - STMicroelectronics

Back Button STA321 Datasheet HTML 94Page - STMicroelectronics STA321 Datasheet HTML 95Page - STMicroelectronics STA321 Datasheet HTML 96Page - STMicroelectronics STA321 Datasheet HTML 97Page - STMicroelectronics STA321 Datasheet HTML 98Page - STMicroelectronics STA321 Datasheet HTML 99Page - STMicroelectronics STA321 Datasheet HTML 100Page - STMicroelectronics STA321 Datasheet HTML 101Page - STMicroelectronics STA321 Datasheet HTML 102Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 157 page
background image
Register description
STA321
98/157
Doc ID 15351 Rev 3
CB_PFRAMP4
Address:
0x23
Type:
RW
Reset:
0x10
Description:
CB_PFRAMP5
Address:
0x24
Type:
RW
Reset:
0x14
Description:
During the ramp, if the signal is below the threshold, the signal is modulated with
PDM, otherwise with PWM
CB_PFRAMP6
Address:
0x25
Type:
RW
Reset:
0x00
Description:
During the ramp, if the signal is below the threshold, the signal is modulated with
PDM, otherwise with PWM
765
432
10
CBTIM_RMP[3:0]
Reserved
[7:4] CBTIM_RMP[3:0]
EA timing duration of the ramp (= slope)
[3:0] Reserved
765
432
10
CBRMPTH[15:8]
[7:0] CBRMPTH[15:8]
MSBs of CB ramp threshold
765
432
10
CBRMPTH[7:0]
[7:0] CBRMPTH[7:0]
LSBs of CB ramp threshold



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More