データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STA321 データシート(PDF) 107 Page - STMicroelectronics

部品番号 STA321
部品情報  4-channel digital audio system with FFX??driver
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA321 データシート(HTML) 107 Page - STMicroelectronics

Back Button STA321 Datasheet HTML 103Page - STMicroelectronics STA321 Datasheet HTML 104Page - STMicroelectronics STA321 Datasheet HTML 105Page - STMicroelectronics STA321 Datasheet HTML 106Page - STMicroelectronics STA321 Datasheet HTML 107Page - STMicroelectronics STA321 Datasheet HTML 108Page - STMicroelectronics STA321 Datasheet HTML 109Page - STMicroelectronics STA321 Datasheet HTML 110Page - STMicroelectronics STA321 Datasheet HTML 111Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 157 page
background image
STA321
Register description
Doc ID 15351 Rev 3
107/157
PROCCTRL
Address:
0x60
Type:
RO
Reset:
0x00
Description:
START_ADDR2
Address:
0x61
Type:
RW
Reset:
0x00
Description:
765
432
10
Reserved
RA
Reserved
WA
W1
[7:4] Reserved
[3] RA
1: read all the biquad coefficients
[2] Reserved
[1] WA
1: write/update all the biquad coefficients
[0] W1
1: write/update the b0 coefficient
765
432
10
Reserved
I2CSTART_A8
[7:1] Reserved
[0] I2CSTART_A8
Base address of the biquadratic to be updated (= address of coefficient b0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More