| データシートサーチシステム |
|
STA321 データシート(PDF) 145 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA321 データシート(HTML) 145 Page - STMicroelectronics |
|
145 / 157 page ![]() STA321 Register description Doc ID 15351 Rev 3 145/157 BISTST2 BIST status register 2 Address: 0xD4 Type: RO Reset: 0x00 Description: 76 54 32 10 PR_BBAD PR_BFAIL OS_BEND OS_BBAD OS_BFAIL DB_BEND DB_BBAD DB_BFAIL [7] PR_BBAD For PROC RAM BIST 0: no faults detected 1: at least one fault detected [6] PR_BFAIL For PROC RAM BIST 0: no faults detected in the current location 1: at least one fault detected in the current location [5] OS_BEND: For FFX RAM BIST 0: normal functional mode 1: BIST is finished [4] OS_BBAD For FFX RAM BIST 0: no faults detected 1: at least one fault detected [3] OS_BFAIL For FFX RAM BIST 0: no faults detected in the current location 1: at least one fault detected in the current location [2] DB_BEND: For FFX RAM BIST 0: normal functional mode 1: BIST is finished [1] DB_BBAD For FFX RAM BIST 0: no faults detected 1: at least one fault detected [0] DB_BFAIL For FFX RAM BIST 0: no faults detected in the current location 1: at least one fault detected in the current location |