データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STA369BWS データシート(PDF) 4 Page - STMicroelectronics

部品番号 STA369BWS
部品情報  2.1-channel 40-watt high-efficiency digital audio system Sound Terminal?
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA369BWS データシート(HTML) 4 Page - STMicroelectronics

  STA369BWS Datasheet HTML 1Page - STMicroelectronics STA369BWS Datasheet HTML 2Page - STMicroelectronics STA369BWS Datasheet HTML 3Page - STMicroelectronics STA369BWS Datasheet HTML 4Page - STMicroelectronics STA369BWS Datasheet HTML 5Page - STMicroelectronics STA369BWS Datasheet HTML 6Page - STMicroelectronics STA369BWS Datasheet HTML 7Page - STMicroelectronics STA369BWS Datasheet HTML 8Page - STMicroelectronics STA369BWS Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 89 page
background image
Contents
STA369BWS
4/89
Doc ID 16861 Rev 4
6.7.8
Description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 59
6.8
Variable max power correction registers (addr 0x27 - 0x28) . . . . . . . . . . 64
6.9
Distortion compensation registers (addr 0x29 - 0x2A) . . . . . . . . . . . . . . . 64
6.10
Fault detect recovery constant registers (addr 0x2B - 0x2C) . . . . . . . . . . 64
6.11
Device status register (addr 0x2D) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 65
6.12
EQ coefficients and DRC configuration register (addr 0x31) . . . . . . . . . . 66
6.13
Extended configuration register (addr 0x36) . . . . . . . . . . . . . . . . . . . . . . 67
6.13.1
Dual-band DRC (B2DRC) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 67
6.13.2
EQ DRC mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 68
6.14
Soft volume configuration registers (addr 0x37 - 0x38) . . . . . . . . . . . . . . 70
6.15
DRC RMS filter coefficients (addr 0x39-0x3E) . . . . . . . . . . . . . . . . . . . . . 71
6.16
Extra volume resolution configuration registers (addr 0x3F) . . . . . . . . . . 72
6.17
Short-circuit protection mode registers SHOK (addr 0x46) . . . . . . . . . . . 73
6.18
Quantization error noise correction (addr 0x48) . . . . . . . . . . . . . . . . . . . . 74
6.19
Extended coefficient range up to +4/-4 (addr 0x49, 0x4A) . . . . . . . . . . . . 75
6.20
Miscellaneous registers (addr 0x4B, 0x4C) . . . . . . . . . . . . . . . . . . . . . . . 76
6.20.1
MISC1 (addr 0x4B) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 76
6.20.2
MISC2 (addr 0x4C) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 78
6.21
Global DRC after B2DRC (GDRC) bit (addr 0x4D, bit D0) . . . . . . . . . . . . 79
6.22
Bad PWM detection registers (addr 0x4D, 0x4E, 0x4F) . . . . . . . . . . . . . . 80
6.23
Coefficient RAM CRC protection (addr 0x60-0x6C) . . . . . . . . . . . . . . . . . 80
6.23.1
BQCHKE registers (addr 0x60 - 0x62) . . . . . . . . . . . . . . . . . . . . . . . . . 80
6.23.2
XCCHKE registers (addr 0x63 - 0x65) . . . . . . . . . . . . . . . . . . . . . . . . . . 81
6.23.3
BQCHKR registers (addr 0x66 - 0x68) . . . . . . . . . . . . . . . . . . . . . . . . . 81
6.23.4
XCCHKR registers (addr 0x69 - 0x6B) . . . . . . . . . . . . . . . . . . . . . . . . . 81
6.23.5
CHKCTRL register (addr 0x6C) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 81
6.23.6
Description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 82
7
Applications . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 83
7.1
Applications schematic . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 83
7.2
PLL filter circuit . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 83
7.3
Typical output configuration . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 84
8
Package thermal characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89