| データシートサーチシステム |
|
TDA7529 データシート(PDF) 38 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA7529 データシート(HTML) 38 Page - STMicroelectronics |
|
38 / 61 page ![]() Registers description TDA7529 38/61 Doc ID 13311 Rev 4 6.1.2 ADCctrl (1) Table 28. ADCctrl (1) MSB LSB Function D7 D6 D5 D4 D3 D2 D1 D0 --- - - - - 0 1 Temperature sensor power Enabled Disabled --- - - - 0 1 - ADC auto mode automatic restart disable automatic restart enable --- - - 0 1 -- RC oscillator enable enable disable --- - X - - - ADCstart (like bit 0.3) - 0 1 0 1 0 1 0 1 0 0 1 1 0 0 1 1 0 0 0 0 1 1 1 1 -- - - ADC input selection Temp sensor FM AGC AM AGC IF AGC VCO tuning voltage (3/5 * Vtune) GP1 GP2 2/5 * VCC 0 1 - - --- - - ADC clock selection ADC clock source = RC osc ADC clock source = refdiv output |