| データシートサーチシステム |
|
TDA7529 データシート(PDF) 40 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA7529 データシート(HTML) 40 Page - STMicroelectronics |
|
40 / 61 page ![]() Registers description TDA7529 40/61 Doc ID 13311 Rev 4 6.1.4 AGC and mixer control (3) Table 30. AGC and mixer control (3 MSB LSB Function D7 D6 D5 D4 D3 D2 D1 D0 --- - - - 0 0 1 1 0 1 0 1 Mixout 1 / 2 All Off = power down mixer section Mixout 1 active Mixout 2 active Forbidden state --- - - 0 1 -- Balun output drive capability Low drive capability High drive capability --- - 0 1 -- - Mixer input FM / AM selection AM input active FM input active --- 0 1 -- - - AM AGC On / Off Off On -- 0 1 --- - - FM AGC On / Off Off On -0 1 - --- - - Keyed AGC enable Keyed AGC off keyed AGC on 0 1 - - --- - - IF input selection FM / AM IF input AM IF input FM |