| データシートサーチシステム |
|
TDA7529 データシート(PDF) 39 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA7529 データシート(HTML) 39 Page - STMicroelectronics |
|
39 / 61 page ![]() TDA7529 Registers description Doc ID 13311 Rev 4 39/61 6.1.3 GPIO mode (2) Table 29. GPIO mode (2) MSB LSB Function D7 D6 D5 D4 D3 D2 D1 D0 --- - - - - 0 1 GPIO1 input / output Analog input to AD converter digital output --- - - - 0 1 - GPIO2 input / output Analog input to AD converter Digital output --- - - 0 1 -- CP Current Switch Automatic switch disabled Automatic switch enabled --- - 0 1 -- - GPIO4 input / output Analog Input digital output --- 0 1 -- - - GPIO5 input / output digital input output (analog or digital) -- 0 1 --- - - GPIO6 input / output digital input (or MISO output in SPI mode) digital output (or MISO output in SPI mode) -0 1 - --- - - GPIO7 input / output FM AGC voltage output Digital output 0 1 - - --- - - GPIO8 input / output AM AGC voltage output Digital output |