| データシートサーチシステム |
|
TDA7590 データシート(PDF) 28 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA7590 データシート(HTML) 28 Page - STMicroelectronics |
|
28 / 42 page ![]() Appendix 1 TDA7590 28/42 ;------------------------------------------------------------------------ ; EQUATES for Expansion Port ;------------------------------------------------------------------------ EXP_BCR EQU $FFFFFB ; Bus Control Register address EXP_AAR0 EQU $FFFFF9 ; Address Attribte Register (AAR0) address EXP_AAR1 EQU $FFFFF8 ; Address Attribte Register (AAR1) address EXP_AAR2 EQU $FFFFF7 ; Address Attribte Register (AAR2) address EXP_AAR3 EQU $FFFFF6 ; Address Attribte Register (AAR3) address EXT_RAM_STARTEQU $C00000 ;------------------------------------------------------------------------ ; EQUATES for Extended Memory ;------------------------------------------------------------------------ EOC_ADR EQU $FFFFCA ;******************************************************************************* ;***************************** Initialisation Values ************************** ;******************************************************************************* ;------------------------------------------------------------------------------- ; CODEC Intitialisation values ;------------------------------------------------------------------------------- ; --- INIT_CCR ----------------------------------------------------------------- ; settings fro the CODEC Control Register ; 321098765432109876543210 INIT_CODEC_CSR EQU %000000001110011011011011 ; $00E6DB DACgain = 0dB - ADCgain = +0dBdB ; 011 --- GADCL[0:2] ; 011 ------ GADCR[0:2] ; 011 --------- GDACL[0:2] ; 011 ------------ GDACR[0:2] ; 0 --------------- MUTEDAC (1=Mute) ; 1 ---------------- PDNDAC (1=pwrdwn) ; 1 ----------------- PDNADC (1=pwrdwn) ; 1 ------------------ NRST (0=reset) ;------------------------------------------------------------------------------- ; SAI Intitialisation values ;------------------------------------------------------------------------------- ;--- INIT_RCS ------------------------------------------------------------------ ; settings for the Receiver Control/Status Register ; 321098765432109876543210 INIT_SAI_RCS EQU %000000000001000101001001 ; $000149 ; 1 --- R0EN (0:Disbaled; 1:Enabled) ; 0 ---- R1EN (0:Disbaled; 1:Enabled) ; 0 ----- R2EN (0:Disbaled; 1:Enabled) ; 1 ------ RMME (1:Master mode; 0:Slave mode) ; 0 ------- Reserved ; 10 -------- RWL[0:1] (00:16; 01:24; 10:32) ; 0 ---------- RDIR (0:MSB 1st; 1:LSB 1st) ; 1 ----------- RLRS (0:LRCKR=0-LW; 1:LRCKR=0-RW) ; 0 ------------ RCKP (0:-ve ; 1:+ve) ; 0 ------------- RREL (0:trans-1st; 1:I2S) ; 0 -------------- RDWJ ; 1 --------------- RXIE (0:Disabled; 1:Enabled) ; 0 ---------------- Reserved ; 0 ----------------- ROFL |