| データシートサーチシステム |
|
TDA7590 データシート(PDF) 36 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA7590 データシート(HTML) 36 Page - STMicroelectronics |
|
36 / 42 page ![]() Appendix 1 TDA7590 36/42 ENDIF ;------------------------------------------------------------------------ ; Enable interrupts ;------------------------------------------------------------------------ Andi #$fc,mr ; set DSP interrupt priority level to 0 ; Sets the Interrupt Mask bits in the SR ; to [00] (No exceptions masked) IF 1 Bset #0,x:M_TCSR0 ; Enable Timer0 Bset #0,x:M_TCSR1 ; Enable Timer1 Bset #0,x:M_TCSR2 ; Enable Timer2 ENDIF move #states,r3 move #ntaps-1,m3 move #coef,r4 move #ntaps-1,m4 ;------------------------------------------------------------------------ ; Processor Loop ;------------------------------------------------------------------------ IF 0 LOOP ; bset #12,x:SCR_ADR ; start SCI transmit nop nop nop nop nop nop nop nop nop nop nop nop jmp LOOP ENDIF IF 1 LOOP ; bset #12,x:SCR_ADR ; start SCI transmit mac x0,y0,a x:(r3)+,x0 y:(r4)+,y0 ; generates variations on mean value of DAC move #$AAAAAA,x0 move x0,x:$CAAAAA ; send data to expansion port move x0,x:GPIODAT ; move PORTB pins bset #12,x:SCR_ADR ; start SCI transmit mac x0,y0,a x:(r3)+,x0 y:(r4)+,y0 ; generates variations on mean value of DAC move #$555555,x0 move x0,x:$C55555 ; send data to expansion port move x0,x:GPIODAT ; move PORTB pins |