データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SPC56EC74L8 データシート(PDF) 32 Page - STMicroelectronics

部品番号 SPC56EC74L8
部品情報  32-bit MCU family built on the Power Architecture® for automotive body electronics applications
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56EC74L8 データシート(HTML) 32 Page - STMicroelectronics

Back Button SPC56EC74L8 Datasheet HTML 28Page - STMicroelectronics SPC56EC74L8 Datasheet HTML 29Page - STMicroelectronics SPC56EC74L8 Datasheet HTML 30Page - STMicroelectronics SPC56EC74L8 Datasheet HTML 31Page - STMicroelectronics SPC56EC74L8 Datasheet HTML 32Page - STMicroelectronics SPC56EC74L8 Datasheet HTML 33Page - STMicroelectronics SPC56EC74L8 Datasheet HTML 34Page - STMicroelectronics SPC56EC74L8 Datasheet HTML 35Page - STMicroelectronics SPC56EC74L8 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 118 page
background image
Package pinouts and signal descriptions
SPC564Bxx - SPC56ECxx
32/118
Doc ID 17478 Rev 4
PF[3]
PCR[83]
AF0
AF1
AF2
AF3
—
GPIO[83]
E0UC[13]
CS1_2
—
ADC0_S[11]
SIUL
eMIOS_0
DSPI_2
—
ADC_0
I/O
I/O
O
—
I
STristate
66
82
R7
PF[4]
PCR[84]
AF0
AF1
AF2
AF3
—
GPIO[84]
E0UC[14]
CS2_2
—
ADC0_S[12]
SIUL
eMIOS_0
DSPI_2
—
ADC_0
I/O
I/O
O
—
I
STristate
67
83
R8
PF[5]
PCR[85]
AF0
AF1
AF2
AF3
—
GPIO[85]
E0UC[22]
CS3_2
—
ADC0_S[13]
SIUL
eMIOS_0
DSPI_2
—
ADC_0
I/O
I/O
O
—
I
STristate
68
84
P8
PF[6]
PCR[86]
AF0
AF1
AF2
AF3
—
GPIO[86]
E0UC[23]
CS1_1
—
ADC0_S[14]
SIUL
eMIOS_0
DSPI_1
—
ADC_0
I/O
I/O
O
—
I
STristate
69
85
N8
PF[7]
PCR[87]
AF0
AF1
AF2
AF3
—
GPIO[87]
—
CS2_1
—
ADC0_S[15]
SIUL
—
DSPI_1
—
ADC_0
I/O
—
O
—
I
STristate
70
86
P9
PF[8]
PCR[88]
AF0
AF1
AF2
AF3
GPIO[88]
CAN3TX
CS4_0
CAN2TX
SIUL
FlexCAN_3
DSPI_0
FlexCAN_2
I/O
O
O
O
M/S
Tristate
42
50
N2
PF[9]
PCR[89]
AF0
AF1
AF2
AF3
—
—
—
GPIO[89]
E1UC[1]
CS5_0
—
CAN2RX
CAN3RX
WKPU[22]
SIUL
eMIOS_1
DSPI_0
—
FlexCAN_2
FlexCAN_3
WKPU
I/O
I/O
O
—
I
I
I
STristate
41
49
M4
PF[10]
PCR[90]
AF0
AF1
AF2
AF3
GPIO[90]
CS1_0
LIN4TX
E1UC[2]
SIUL
DSPI_0
LINFlexD_4
eMIOS_1
I/O
O
O
I/O
M/S
Tristate
46
54
P2
Table 5.
Functional port pin descriptions (continued)
Port
pin
PCR
Function
Pin number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More