データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SPC56EC74L8 データシート(PDF) 39 Page - STMicroelectronics

部品番号 SPC56EC74L8
部品情報  32-bit MCU family built on the Power Architecture® for automotive body electronics applications
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56EC74L8 データシート(HTML) 39 Page - STMicroelectronics

Back Button SPC56EC74L8 Datasheet HTML 35Page - STMicroelectronics SPC56EC74L8 Datasheet HTML 36Page - STMicroelectronics SPC56EC74L8 Datasheet HTML 37Page - STMicroelectronics SPC56EC74L8 Datasheet HTML 38Page - STMicroelectronics SPC56EC74L8 Datasheet HTML 39Page - STMicroelectronics SPC56EC74L8 Datasheet HTML 40Page - STMicroelectronics SPC56EC74L8 Datasheet HTML 41Page - STMicroelectronics SPC56EC74L8 Datasheet HTML 42Page - STMicroelectronics SPC56EC74L8 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 118 page
background image
SPC564Bxx - SPC56ECxx
Package pinouts and signal descriptions
Doc ID 17478 Rev 4
39/118
PI[9]
PCR[137]
AF0
AF1
AF2
AF3
—
GPIO[137]
—
—
—
ADC0_S[17]
SIUL
—
—
—
ADC_0
I/O
—
—
—
I
S
Tristate
—
131
J15
PI[10]
PCR[138]
AF0
AF1
AF2
AF3
—
GPIO[138]
—
—
—
ADC0_S[18]
SIUL
—
—
—
ADC_0
I/O
—
—
—
I
S
Tristate
—
134
J16
PI[11]
PCR[139]
AF0
AF1
AF2
AF3
—
—
GPIO[139]
—
—
—
ADC0_S[19]
SIN_3
SIUL
—
—
—
ADC_0
DSPI_3
I/O
—
—
—
I
I
S
Tristate
111
135
H16
PI[12]
PCR[140]
AF0
AF1
AF2
AF3
—
GPIO[140]
CS0_3
CS0_2
—
ADC0_S[20]
SIUL
DSPI_3
DSPI_2
—
ADC_0
I/O
I/O
I/O
—
I
S
Tristate
112
136
G15
PI[13]
PCR[141]
AF0
AF1
AF2
AF3
—
GPIO[141]
CS1_3
CS1_2
—
ADC0_S[21]
SIUL
DSPI_3
DSPI_2
—
ADC_0
I/O
O
O
—
I
S
Tristate
113
137
G14
PI[14]
PCR[142]
AF0
AF1
AF2
AF3
—
—
GPIO[142]
—
—
—
ADC0_S[22]
SIN_4
SIUL
—
—
—
ADC_0
DSPI_4
I/O
—
—
—
I
I
STristate
76
92
T12
PI[15]
PCR[143]
AF0
AF1
AF2
AF3
—
GPIO[143]
CS0_4
CS2_2
—
ADC0_S[23]
SIUL
DSPI_4
DSPI_2
—
ADC_0
I/O
I/O
O
—
I
S
Tristate
75
91
P11
Table 5.
Functional port pin descriptions (continued)
Port
pin
PCR
Function
Pin number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More