データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SPC56EC74L8 データシート(PDF) 47 Page - STMicroelectronics

部品番号 SPC56EC74L8
部品情報  32-bit MCU family built on the Power Architecture® for automotive body electronics applications
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56EC74L8 データシート(HTML) 47 Page - STMicroelectronics

Back Button SPC56EC74L8 Datasheet HTML 43Page - STMicroelectronics SPC56EC74L8 Datasheet HTML 44Page - STMicroelectronics SPC56EC74L8 Datasheet HTML 45Page - STMicroelectronics SPC56EC74L8 Datasheet HTML 46Page - STMicroelectronics SPC56EC74L8 Datasheet HTML 47Page - STMicroelectronics SPC56EC74L8 Datasheet HTML 48Page - STMicroelectronics SPC56EC74L8 Datasheet HTML 49Page - STMicroelectronics SPC56EC74L8 Datasheet HTML 50Page - STMicroelectronics SPC56EC74L8 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 118 page
background image
SPC564Bxx - SPC56ECxx
Package pinouts and signal descriptions
Doc ID 17478 Rev 4
47/118
8.
These pins can be configured as Nexus pins during reset by the debugger writing to the Nexus Development Interface
"Port Control Register" rather than the SIUL. Specifically, the debugger can enable the MDO[7:0], MSEO[1:0], and MCKO
ports by programming NDI (PCR[MCKO_EN] or PCR[PSTAT_EN]). MDO[8:11] ports can be enabled by programming NDI
((PCR[MCKO_EN] and PCR[FPM]) or PCR[PSTAT_EN]).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More