データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST10F280 データシート(PDF) 55 Page - STMicroelectronics

部品番号 ST10F280
部品情報  16-bit MCU with MAC unit, 512 Kbyte Flash memory and 18 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 データシート(HTML) 55 Page - STMicroelectronics

Back Button ST10F280_12 Datasheet HTML 51Page - STMicroelectronics ST10F280_12 Datasheet HTML 52Page - STMicroelectronics ST10F280_12 Datasheet HTML 53Page - STMicroelectronics ST10F280_12 Datasheet HTML 54Page - STMicroelectronics ST10F280_12 Datasheet HTML 55Page - STMicroelectronics ST10F280_12 Datasheet HTML 56Page - STMicroelectronics ST10F280_12 Datasheet HTML 57Page - STMicroelectronics ST10F280_12 Datasheet HTML 58Page - STMicroelectronics ST10F280_12 Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 239 page
background image
ST10F280
Central Processing Unit (CPU)
Doc ID 8673 Rev. 3
55/239
Figure 10.
MAC unit architecture
6.2
Instruction set summary
The Table 4 lists the instructions of the ST10F280. The various addressing modes,
instruction operation, parameters for conditional execution of instructions, opcodes and a
detailed description of each instruction can be found in the “ST10 Family Programming
Manual”.
Table 4.
Instruction set summary
Mnemonic
Description
Bytes
ADD(B)
Add word (byte) operands
2 / 4
ADDC(B)
Add word (byte) operands with Carry
2 / 4
SUB(B)
Subtract word (byte) operands
2 / 4
SUBC(B)
Subtract word (byte) operands with Carry
2 / 4
MUL(U)
(Un)Signed multiply direct GPR by direct GPR (16-16-bit)
2
DIV(U)
(Un)Signed divide register MDL by direct GPR (16-/16-bit)
2
DIVL(U)
(Un)Signed long divide reg. MD by direct GPR (32-/16-bit)
2
CPL(B)
Complement direct word (byte) GPR
2
NEG(B)
Negate direct word (byte) GPR
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More