データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST10F280 データシート(PDF) 25 Page - STMicroelectronics

部品番号 ST10F280
部品情報  16-bit MCU with MAC unit, 512 Kbyte Flash memory and 18 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 データシート(HTML) 25 Page - STMicroelectronics

Back Button ST10F280_12 Datasheet HTML 21Page - STMicroelectronics ST10F280_12 Datasheet HTML 22Page - STMicroelectronics ST10F280_12 Datasheet HTML 23Page - STMicroelectronics ST10F280_12 Datasheet HTML 24Page - STMicroelectronics ST10F280_12 Datasheet HTML 25Page - STMicroelectronics ST10F280_12 Datasheet HTML 26Page - STMicroelectronics ST10F280_12 Datasheet HTML 27Page - STMicroelectronics ST10F280_12 Datasheet HTML 28Page - STMicroelectronics ST10F280_12 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 239 page
background image
ST10F280
Ball data
Doc ID 8673 Rev. 3
25/239
VSS
A1
A4
A8
A11
A13
A16
A17
B3
B5
B6
B8
B9
B17
D5
D6
F1
F17
G4
H1
K16
K17
L1
L4
N15
N17
R17
T15
T16
U7
U10
U13
U14
U16
U17
-
Digital ground.
Table 1.
Ball description (continued)
Symbol
Ball
number
Type
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More