| データシートサーチシステム |
|
ST10F280 データシート(PDF) 22 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST10F280 データシート(HTML) 22 Page - STMicroelectronics |
|
22 / 239 page ![]() Ball data ST10F280 22/239 Doc ID 8673 Rev. 3 XPORT9.0 - XPORT9.15 I/O XPort 9 is a 16-bit bidirectional I/O port. It is bit-wise programmable for input or output via direction bits. For a pin configured as input, the output driver is put into high-impedance state. XPort 9 outputs can be configured as push/pull or open drain drivers. D15 I/O XPORT9.0 C16 I/O XPORT9.1 D14 I/O XPORT9.2 C15 I/O XPORT9.3 B16 I/O XPORT9.4 D13 I/O XPORT9.5 C14 I/O XPORT9.6 B15 I/O XPORT9.7 A15 I/O XPORT9.8 B14 I/O XPORT9.9 C13 I/O XPORT9.10 D12 I/O XPORT9.11 B13 I/O XPORT9.12 C12 I/O XPORT9.13 D11 I/O XPORT9.14 B12 I/O XPORT9.15 Table 1. Ball description (continued) Symbol Ball number Type Function |