データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST10F280 データシート(PDF) 114 Page - STMicroelectronics

部品番号 ST10F280
部品情報  16-bit MCU with MAC unit, 512 Kbyte Flash memory and 18 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 データシート(HTML) 114 Page - STMicroelectronics

Back Button ST10F280_12 Datasheet HTML 110Page - STMicroelectronics ST10F280_12 Datasheet HTML 111Page - STMicroelectronics ST10F280_12 Datasheet HTML 112Page - STMicroelectronics ST10F280_12 Datasheet HTML 113Page - STMicroelectronics ST10F280_12 Datasheet HTML 114Page - STMicroelectronics ST10F280_12 Datasheet HTML 115Page - STMicroelectronics ST10F280_12 Datasheet HTML 116Page - STMicroelectronics ST10F280_12 Datasheet HTML 117Page - STMicroelectronics ST10F280_12 Datasheet HTML 118Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 239 page
background image
Parallel ports
ST10F280
114/239
Doc ID 8673 Rev. 3
Figure 36.
Block diagram of Port 3 pin with alternate input or alternate output
function
Pin P3.12 (BHE/WRH) is another pin with an alternate output function, however, its structure
is slightly different (see Figure 37). After reset the BHE or WRH function must be used
depending on the system start-up configuration. In either of these cases, there is no
possibility to program any port latches before. Thus, the appropriate alternate function is
selected automatically. If BHE/WRH is not used in the system, this pin can be used for
general purpose I/O by disabling the alternate function (BYTDIS = ‘1’ / WRCFG=’0’).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More