データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SPEAR1340 データシート(PDF) 82 Page - STMicroelectronics

部品番号 SPEAR1340
部品情報  Dual-core Cortex A9 HMI embedded MPU
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1340 データシート(HTML) 82 Page - STMicroelectronics

Back Button SPEAR1340 Datasheet HTML 78Page - STMicroelectronics SPEAR1340 Datasheet HTML 79Page - STMicroelectronics SPEAR1340 Datasheet HTML 80Page - STMicroelectronics SPEAR1340 Datasheet HTML 81Page - STMicroelectronics SPEAR1340 Datasheet HTML 82Page - STMicroelectronics SPEAR1340 Datasheet HTML 83Page - STMicroelectronics SPEAR1340 Datasheet HTML 84Page - STMicroelectronics SPEAR1340 Datasheet HTML 85Page - STMicroelectronics SPEAR1340 Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 200 page
background image
AD12
AD14
DDRIO_VDD1V8_1V5
PWR
C4
ADC_AVDD2V5
PWR
F14
F15
F17
F18
F20
F21
F23
G23
J23
W23
AA23
AC23
AC19
AC17
AC15
U23
IO_VDD3V3
PWR
F8 F9
IO_VDD1V8_3V3
PWR
F11
F12
IO_VDD1V8_3V3_1
PWR
L23
N23
R23
T24
P24
IO_VDD2V5_3V3
PWR
N2
MIPHY0_VDDPLL1V2
PWR
Table 3.
Ball characteristics (continued)
Ball
Pin name
Pad type and pad options
Reset/Reset rel. state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More