| データシートサーチシステム |
|
SPEAR1340 データシート(PDF) 89 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPEAR1340 データシート(HTML) 89 Page - STMicroelectronics |
|
89 / 200 page ![]() K19 IO_COMP_REXT2_3V3 IO ANA REF L19 IO_COMP_GND2_3V3 GND DED GND K12 IO_COMP_REXT1_1V8_3V 3 IO ANA REF K11 IO_COMP_GND1_1V8_3V3 GND DED GND K15 IO_COMP_REXT2_1V8_3V 3 IO ANA REF K14 IO_COMP_GND2_1V8_3V3 GND DED GND P19 IO_COMP_REXT_2V5_3V3 IO ANA REF R19 IO_COMP_GND_2V5_3V3 GND DED GND R1 MIPHY0_REF IO ANA REF G1 USB_TXRTUNE IO ANA REF 1. This is the input reference clock for I2S output functional block. 2. The XGPIO169 is the only XGPIO pin which is always an output. All the other XGPIO pins are IO. Table 3. Ball characteristics (continued) Ball Pin name Pad type and pad options Reset/Reset rel. state |