| データシートサーチシステム |
|
SPEAR1340 データシート(PDF) 101 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPEAR1340 データシート(HTML) 101 Page - STMicroelectronics |
|
101 / 200 page ![]() SPEAr1340 Pin description Doc ID 023063 Rev 4 101/200 DDR_CS1n Memory chip select 1 (active low) O U1 DDR_BA0 Memory bank address O Y3 DDR_BA1 W3 DDR_BA2 AA1 DDR_CKE Memory clock enable (active high) O T3 DDR_ODT0 Memory ODT signal O AC3 DDR_ODT1 U2 DDR_DM0 Memory data mask (active high) O AE5 DDR_DM1 AG3 DDR_DM2 AF10 DDR_DM3 AG8 DDR_DQS0p Differential memory data strobe active high; drove during write transaction and received from memory device during read during transfer IO AE3 DDR_DQS1p AH4 DDR_DQS2p AE9 DDR_DQS3p AH10 DDR_DQS0n Differential memory data strobe active low; drove during write transaction and received from memory device during read during transfer IO AF3 DDR_DQS1n AG4 DDR_DQS2n AF8 DDR_DQS3n AG9 DDR_DQ0 Memory data bus IO AF2 DDR_DQ1 AF4 DDR_DQ2 AF1 DDR_DQ3 AF5 DDR_DQ4 AE1 DDR_DQ5 AE6 DDR_DQ6 AE2 DDR_DQ7 AE4 DDR_DQ8 AH3 DDR_DQ9 AH2 DDR_DQ10 AH6 DDR_DQ11 AG1 DDR_DQ12 AG5 DDR_DQ13 AG2 Table 10. Memories - MPMC signals description (continued) Signal name Description Type Ball |