データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SPEAR1340 データシート(PDF) 116 Page - STMicroelectronics

部品番号 SPEAR1340
部品情報  Dual-core Cortex A9 HMI embedded MPU
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1340 データシート(HTML) 116 Page - STMicroelectronics

Back Button SPEAR1340 Datasheet HTML 112Page - STMicroelectronics SPEAR1340 Datasheet HTML 113Page - STMicroelectronics SPEAR1340 Datasheet HTML 114Page - STMicroelectronics SPEAR1340 Datasheet HTML 115Page - STMicroelectronics SPEAR1340 Datasheet HTML 116Page - STMicroelectronics SPEAR1340 Datasheet HTML 117Page - STMicroelectronics SPEAR1340 Datasheet HTML 118Page - STMicroelectronics SPEAR1340 Datasheet HTML 119Page - STMicroelectronics SPEAR1340 Datasheet HTML 120Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 200 page
background image
Pin description
SPEAr1340
116/200
Doc ID 023063 Rev 4
LCD_XR0
Port 2 red data
O
E26
LCD_XR1
F27
LCD_XR2
G27
LCD_XR3
E27
LCD_XR4
F28
LCD_XR5
G28
LCD_XR6
H28
LCD_XR7
D26
LCD_XG0
Port 2 green data
O
A25
LCD_XG1
B25
LCD_XG2
C25
LCD_XG3
A24
LCD_XG4
B24
LCD_XG5
C24
LCD_XG6
D24
LCD_XG7
E24
LCD_XB0
Port 2 blue data
O
A23
LCD_XB1
B23
LCD_XB2
C23
LCD_XB3
D23
LCD_XB4
E23
LCD_XB5
A22
LCD_XB6
B22
LCD_XB7
C22
LCD_PCLK
Pixel clock to LCD panel
O
K28
LCD_HSYNC
Horizontal sync pulse
O
C26
LCD_VSYNC
Vertical sync pulse
O
B27
LCD_DE
Data enable
O
C28
LCD_LED_PWM
LCD LED pulse width modulation
O
D25
LCD_PE
Power enable
O
B28
Table 28.
Video - LCD controller signals description (continued)
Signal name
Description
Type
Ball



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More