| データシートサーチシステム |
|
SPEAR1340 データシート(PDF) 192 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPEAR1340 データシート(HTML) 192 Page - STMicroelectronics |
|
192 / 200 page ![]() Acronyms SPEAr1340 192/200 Doc ID 023063 Rev 4 Appendix A Acronyms Table 108. List of acronyms Acronym Definition ACP Accelerator coherence port ADC Analog-to-digital converter AES Advanced encryption standard AHB AMBA high speed bus AMBA Advanced microcontroller bus architecture AMP Asymmetric multiprocessing APB Advanced peripheral bus BIST Built-In self test CBC Cipher block chaining CF Compact flash CMOS Complimentary metal-oxide semiconductor CPU Central processing unit CRC Cyclic redundancy check DDR Double data rate DES Data encryption standard DLL Delay locked loop (when applied to DDR memories) DMA Direct memory access EMI External memory interface EP Endpoint ETM Embedded trace macrocell FIFO First-in-first-out FIQ Fast interrupt request FPGA Field programmable gate array FSMC Flexible static memory controller GB Giga bytes GMII Gigabit media independent interface GPIO General purpose input / output GPU Graphics processing unit HLOS High-level operating system HMI Human machine interface HW Hardware IrDA Infrared data association |