データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L6480HTR データシート(PDF) 20 Page - STMicroelectronics

部品番号 L6480HTR
部品情報  The L6480, realized in analog mixed signal technology, is an advanced fully integrated solution suitable for driving two-phase bipolar stepper motors with microstepping.
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6480HTR データシート(HTML) 20 Page - STMicroelectronics

Back Button L6480HTR Datasheet HTML 16Page - STMicroelectronics L6480HTR Datasheet HTML 17Page - STMicroelectronics L6480HTR Datasheet HTML 18Page - STMicroelectronics L6480HTR Datasheet HTML 19Page - STMicroelectronics L6480HTR Datasheet HTML 20Page - STMicroelectronics L6480HTR Datasheet HTML 21Page - STMicroelectronics L6480HTR Datasheet HTML 22Page - STMicroelectronics L6480HTR Datasheet HTML 23Page - STMicroelectronics L6480HTR Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 73 page
background image
Functional description
L6480
20/73
Doc ID 023278 Rev 3
Figure 4.
Charge pump circuitry
6.4
Microstepping
The driver is able to divide the single step into up to 128 microsteps. Stepping mode can be
programmed by the STEP_SEL parameter in the STEP_MODE register (Table 20.).
Step mode can be only changed when bridges are disabled. Every time the step mode is
changed, the electrical position (i.e. the point of microstepping sinewave that is generated)
is reset to the first microstep and the absolute position counter value (Section 6.5) becomes
meaningless.
Figure 5.
Normal mode and microstepping (128 microsteps)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73